PART |
Description |
Maker |
ZX60-M-SERIES ZX60-2510M ZX60-2514M ZX60-2522M ZX6 |
High Isolation Amplifiers 50з, 0.5 to 5.9 GHz 500 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER High Isolation Amplifiers 50? 0.5 to 5.9 GHz From old datasheet system High Isolation Amplifiers 50/ 0.5 to 5.9 GHz
|
MINI[Mini-Circuits]
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
PS2561L1-1-V PS2561-2 PS2561-2-V PS2561L-1- PS2561 |
High Isolation Voltage Single Transistor Type photocoupler(高隔离电压晶体管输出光电隔离 高隔离电压单晶体管类型光耦合器(高隔离电压晶体管输出光电隔离器) High Isolation Voltage Single Transistor Type Photocoupler(高隔离电压晶体管输出光光隔离器) 高隔离电压单管式光电耦合器(高隔离电压晶体管输出光光隔离器 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS2801 PS2801-1 PS2801-1-F3 PS2801-1-F4 PS2801-4 P |
High Isolation Volatage photocoupler(高隔离电压光光隔离器) HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PS7360-1A PS7360L-1A PS7360L-1A-E3 PS7360L-1A-E4 |
6-PIN DIP / HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6引脚DIP,高隔离电压1通道光学耦合场效应晶体管 Solid State Relay(固态继电器)
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS2705-1 PS2705-1-V PS2705-2 PS2705-2-V PS2705-4 P |
Photocoupler 光耦合 HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER NPN-OUTPUT AC-INPUT OPTOCOUPLER,4-CHANNEL,2.5KV ISOLATION,SO
|
NEC, Corp. NEC Corp. NEC[NEC]
|
SA626D SA626DK |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Low voltage high performance mixer FM IF system with high-speed RSSI
|
PHILIPS[Philips Semiconductors]
|
PS2513L-1-A PS2513L-1-E3-A PS2513L-1-F3-A PS2513-1 |
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
|
Duracell California Eastern Labs
|
PS2532L-2-V-E4-A PS2532L-1-F3-A PS2532L-1-V-E3-A P |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES 高集电极到发射极VOLTATGE高隔离电压多功能光电耦合器系
|
California Eastern Laboratories, Inc.
|
BUL62A |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
PS960101 PS9601 |
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
|
Duracell NEC
|
BM6104FV-C BM6104FV-CE2 |
Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
|
Rohm
|